Part Number Hot Search : 
FCS62SG DTC114 16M86VBB 046R8 7025B ZNBG3118 NVFMCZ LBXLENP
Product Description
Full Text Search
 

To Download 31428 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  chip line transformer, adsl, customer premises .005 .02 angle 3 place 2 place unless otherwise noted tolerances 31428 2 1 end page rev part number + - + - + - title specifications temp class 105c designed to meet ul1950/iec-950 requirements. 1. inductance: @ 0.1 vrms, 10 khz, 1-3-2-4 = 366.3 to 447.7 h 2. leakage inductance: @ 0.1 vrms, 100 khz 1-3-2-4 w/ 10-8-9-7 shorted = 15 h max 3. iwc: 1-2-3-4 to 10-8-9-7 @ 100 khz = 25 pf max 4. turns ratio: 1-3 : 2-4 : 10-8 : 9-7 = 1 : 1 : 1 : 1 2% 5. dc resistance: ohms max 1-3, 2-4 = 0.80 10-8, 9-7 = 0.80 6. longitudinal balance: @ 100 khz, 100 ohms, = - 60 db min 7. dielectric strength: 1500 vac, 1 minute (1800 vac, 1 second schott production test) 1-2-3-4 to 7-8-9-10 all windings to core 8. harmonic distortion: @ 100 khz, 15 vp-p, 100 ohms = -80 db min 1 3 4 2 9 7 8 10 wayzata, mn 55391 corporation schott 1000 parkers lake road pins: .028 x .045 max (0.70 x 1.10) .80 (20.32) .150 (3.81) .500 max (12.70) 1.075 max (27.31) .940 max (23.88) schott 31428 yyww .150 (3.81) .079 (2.01) ref pwb layout 1.110 (28.20) .17 (4.32) 10 6 5 1 inches (mm)


▲Up To Search▲   

 
Price & Availability of 31428

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X